|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE216 Silicon NPN Transistor High Speed Switch, Core Driver Absolute Maximum Ratings: Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2W Maximum Operating Temperature, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Electrical Characteristics: (TA = +25C unless otherwise specified) Parameter Collector Cutoff Current DC Current Gain Symbol ICBO hFE Test Conditions VCB = 60V IC = 10mA, VCE = 1V IC = 150mA, VCE = 1V IC = 300mA, VCE = 1V IC = 500mA, VCE = 1V IC = 800mA, VCE = 2V IC = 1A, VCE = 5V Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Capacitance Turn-Off Time VCE(sat) IC = 10mA VBE(sat) IC = 10mA Cob toff VCC = 30V, IC = 500mA, IB1 = IB2 = 50mA Min - 30 60 40 35 20 25 - - - - Typ - - - - - - - - - - - Max 1.7 - 150 - - - - 0.25 0.76 10 60 V V pF ns Unit A .200 (5.08) .180 (4.57) .100 (2.54) .180 (4.57) EBC .594 (15.09) .018 (0.46) .015 (0.38) 3.050 (1.27) .050 (1.27) .050 (1.27) .140 (3.55) .090 (2.28) R |
Price & Availability of NTE216 |